Part Number Hot Search : 
SC235 C9S12 01200 HER101 C2600 SP706REU 110A2 MC331
Product Description
Full Text Search
 

To Download MMBT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2907A
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE
FEATURES
.119(3.00) .110(2.80)
60 Volts
POWER
225 mW
SOT- 23
Unit: inch (mm)
Collector-emitter voltage VCE = -60V
.056(1.40)
Collector current IC = -600mA Pb free product are available : 99% Sn above can meet RoHS environment substance directive request
.047(1.20)
.007(.20)MIN
PNP epitaxial silicon, planar design
.103(2.60)
.083(2.10) .066(1.70) .006(.15) .002(.05)
.044(1.10)
.006(.15)MAX
Case: SOT-23 Terminals : Solderable per MIL-STD-750,Method 2026 Approx Weight: 0.008 grams Device Marking : M7A
.020(.50) .013(.35)
ABSOLUTE MAXIMUM RATINGS
Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current-Continuous
Symbol
Value -60 -60 -5.0 -600
.035(0.90)
MECHANICAL DATA
Units V V V mA
VC E O VC B O VE B O IC
THERMAL CHATACTERISTICS
Parameter Max Power Dissipation (Note 1) Storage Temperature Junction Temperaure Thermal Resistance, Junction to Ambient
Symbol
Value 225 -55 to 150 -55 to 150 556
O
Units mW
O
PT O T TS T G TJ R J A
C C
O
C/W
Note 1 : Transistor mouted on FR-5 board 1.0 x 0.75 x 0.062 in.
.086(2.20)
REV.0-JUN.1.2005
PAGE . 1
MMBT2907A
ELECTRICAL CHARACTERISTICS
Parameter
(TJ=25OC, unless otherwise noted)
Symbol
Test Condition
Min.
Typ.
Max.
Units
Collector-Emitter Breakdown Voltage
V(B R )C EO V(B R )C BO V(B R )EBO IB L IC E X
IC =-10mA,IB =0 IC =-10A,IE =0 IE =-10A,IC =0 VC E =-30V,VE B =-0.5V VC E =-30V,VE B =-0.5V VC E =-50V,IE =0
-60
-
-
V
Collector-Base Breakdown Voltage
-60
-
-
V
Emitter-Base Breakdown Voltage
-5.0
-
-
V
Base Cutoff Current
-
-
-50
nA
-
-
-50
nA
Collector Cutoff Current
-
-
-10
nA A
IC B O
VC E =-50V,IE =0 TJ =125O C IC =-0.1mA,VC E =-10V IC =-1.0mA,VC E =-10V IC =-10mA,VC E =-10V IC =-150mA,VC E =-10V IC =-500mA,VC E =-10V IC =-150mA,IB =-15mA IC =-500mA,IB =-50mA IC =-150mA,IB =-15mA IC =-500mA,IB =-50mA VC B =-10V,IE =0,f=1MHz VC B =-2V,IC =0,f=1MHz IC =-50mA,VC E =-20V, f=100MHz VC C =-30V,VB E =-0.5V, IC =-150mA,IB =-15mA VC C =-30V,VB E =-0.5V, IC =-150mA,IB =-15mA VC C =-30V,VB E =-0.5V, IC =-150mA,IB 1 =-15mA VC C =-6V,IC =-150mA, IB 1 =IB 2 =-15mA VC C =-6V,IC =-150mA, IB 1 =IB 2 =-15mA VC C =-6V,IC =-150mA, IB 1 =IB 2 =-15mA
75 100 100 100 50 -
-
-10 300 -0.4 -1.6 -1.3 -2.6 8.0
DC Current Gain
hF E
-
Collector-Emitter Saturation Voltage
VC E (S A T ) VB E (S A T ) CC B O CE B O FT to n td tr to ff ts tf
V
Base-Emitter Saturation Voltage
V
Collector-Base Capacitance
pF
Emitter-Base Capacitance
-
-
30
pF
Current Gain-Bandwidth Product
200
-
-
MHz
Turn-On Time
-
-
45
ns
Delay Time
-
-
10
ns
Rise Time
-
-
40
ns
Turn-Off Time
-
-
100
ns
Storage Time
-
-
80
ns
Fall Time
-
-
30
ns
REV.0-JUN.1.2005
PAGE . 2
MMBT2907A
3.0 2.0 VCE=-1.0V VCE=-10V T J=125 C 25 C 1.0 0.7 0.5 0.3 0.2 -0.1 -55 C
O O O
h FE, NORMALIZED CUTTENT GAIN
-0.2 -0.3
-0.5 -0.7 -1.0
-2.0 -3.0
-5.0 -7.0 -10
-20
-30
-50 -70 -100
-200 -300
-500
I C, COLLECTOR CURRENT (mA) Fig.1-DC Cuttent Gain
-1.0
V CE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
-0.8
I C=-1.0mA
-10mA
-100mA
-500mA
-0.6
-0.4
-0.2
0 -0.005 -0.01
-0.02 -0.03 -0.05-0.07 -0.1
-0.2 -0.3
-0.5 -0.7 -1.0
-2.0 -3.0
-5.0 -7.0 -10
-20 -30
-50
I B, BASE CUTTENT (mA) Fig.2-Collector Saturation Region
300 200 100 70 50 30 20 10 7.0 5.0
500
tr
V CC=-30V I C/I B=10 O T J=25 C
t, TIME (ns)
300 200 100 70 50 30 20
tf
t, TIME (ns)
V CC=-30V I C/I B=10 I B1=I B2 T J=25 OC
t s=t s-1/8t f
,
td@V BE(OFF)=0V
2.0V
3.0 -5.0 -7.0 -10
-20 -30 -50 -70 -100 -200 -300 -500 I C, COLLECTOR CURRENT Fig.3-Turn-On Time
10 7.0 5.0 -5.0 -7.0 -10
-20 -30 -50 -70 -100 -200-300 -500 I C,COLLECTOR CURRENT (mA)
Fig.4-Turn-Off Time
REV.0-JUN.1.2005
PAGE . 3
MMBT2907A
10
10 f=1.0kHz
NF, NOISE FIGURE (dB) NF, NOISE FIGURE (dB)
8.0
6.0
I C=-1.0mA,R S=430 W -500 m A,R S=560 W -50 m A,R =2.7k W -100 m A,R =1.6 W
8.0 I C=-50 m A -100 m A -500 m A -1.0mA
6.0
4.0
R S=OPTIMUM SOURCE RESISANCE
2.0
4.0
2.0
0 0.01 0.02
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0 50 100 200 500 1.0k 2.0k 5.0k 10k 20k R S, SOURGE RESISTANCE (OHMS)
Fig.6-Source Resistance Effects
f,FREQUENCY (kHz)
Fig.5-Frequency Effects
50k
30
f T , CURREN T-GAIN- BANDW IDTH PRODU CT (MHz)
400 C eb 300 200
C,CAPACITANCE (pF)
20
10 7.0 5.0 C cb
100 80 60 40 30 20 -1.0 -2.0 V CE=-20V O T J=25 C
3.0 2.0 -0.1
-0.2 -0.3 -0.5
-1.0
-2.0-3.0 -5.0
-10
-20 -30
REVERSE VOLTAGE (VOLTS)
-5.0
-10 -20
-50 -100 -200
-500-1000
I C, COLLECTOR CUTTENT (mA)
Fig.8-Current-Gain-Bandwidth Product
Fig.7-Capacitances
-1.0 T J=25 C
O
+0.5 V BE(sat)@I C/I B=10
O COEFFICIEN T (mV/ C)
-0.8
V,VOLTAGE (VOLTS)
0 R QVC for V CE(sat) -0.5 -1.0 -1.5 -2.0
-0.6
V BE(on)@V CE=-10V
-0.4
-0.2 V CE(sat)@ I C/I B=10 0 -0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20
R QVB for V BE
-50 -100-200 -500
I C,COLLECTOR CURRENT (mA)
Fig.9-On Voltage
-2.5 -0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 -500 I C,COLLECTOR CUTTENT (mA)
Fig.10-Temperature Coefficients
REV.0-JUN.1.2005
PAGE . 4
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
IMPORTANT NOTICE This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation of the device in the application. The information will help the customer's technical experts determine that the device is compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed to be reliable and accurate. The specifications and information herein are subject to change without notice. New products and improvements in products and product characterization are constantly in process. Therefore, the factory should be consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003 All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract. The information presented is believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
STAD-AUG.06.2004
PAGE . 5


▲Up To Search▲   

 
Price & Availability of MMBT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X